Part Number Hot Search : 
EFF18 UN1212 2500V 52MHZ 50502 IR2235S SFR106 2150JDV2
Product Description
Full Text Search
 

To Download 2SD965 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DC COMPONENTS CO., LTD.
R
2SD965
DISCRETE SEMICONDUCTORS
TECHNICAL SPECIFICATIONS OF NPN EPITAXIAL PLANAR TRANSISTOR
Description
Designed for use as AF output amplifier and flash unit.
TO-92
Pinning
1 = Emitter 2 = Collector 3 = Base
.190(4.83) .170(4.33)
.190(4.83) .170(4.33) 2 Typ 2 Typ
o o
Absolute Maximum Ratings(TA=25oC)
Characteristic Collector-Base Voltage Collector-Emitter Voltage Emitter-Base Voltage Collector Current Total Power Dissipation Junction Temperature Storage Temperature Symbol VCBO VCEO VEBO IC PD TJ TSTG Rating 40 20 7 5 750 +150 -55 to +150 Unit V V V A mW
o o
.500 Min (12.70) .022(0.56) .014(0.36) .100 Typ (2.54) .148(3.76) .132(3.36) .022(0.56) .014(0.36)
.050 Typ (1.27)
321
.050 o o 5 Typ. 5 Typ. (1.27) Typ Dimensions in inches and (millimeters)
C
C
Electrical Characteristics o
Characteristic
(Ratings at 25 C ambient temperature unless otherwise specified)
Symbol BVCBO BVCEO BVEBO ICBO IEBO
(1)
Min 40 20 7 230 150 2%
Typ 0.35 150 -
Max 0.1 0.1 1 800 50
Unit V V V A A V MHz pF
Test Conditions IC=100A, IE=0 IC=1mA, IB=0 IE=10A, IC=0 VCB=10V, IE=0 VEB=7V, IC=0 IC=3A, IB=100mA IC=0.5A, VCE=2V IC=2A, VCE=2V IE=50mA, VCE=6V VCB=20V, f=1MHz, IE=0
Collector-Base Breakdown Volatge Collector-Emitter Breakdown Voltage Emitter-Base Breakdown Volatge Collector Cutoff Current Emitter Cutoff Current Collector-Emitter Saturation Voltage DC Current Gain
(1)
VCE(sat) hFE1 hFE2 fT Cob
Transition Frequency Output Capacitance (1)Pulse Test: Pulse Width
380s, Duty Cycle
Classification of hFE1
Rank Range
Q
230~380
R
340~600
S
560~800


▲Up To Search▲   

 
Price & Availability of 2SD965

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X